Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ14XV5T2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NL17SZ14XV5T2
Description  Single Inverter with Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ14XV5T2 Datasheet(HTML) 7 Page - ON Semiconductor

  NL17SZ14XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 6Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 7Page - ON Semiconductor NL17SZ14XV5T2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NL17SZ14
http://onsemi.com
7
PACKAGE DIMENSIONS
H
C
SOT-353
DF SUFFIX
5-LEAD PACKAGE
CASE 419A-02
ISSUE G
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
-B-
0.5 mm (min)
1.9 mm
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD 419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR GATE BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087


Similar Part No. - NL17SZ14XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14XV5T2 ONSEMI-NL17SZ14XV5T2 Datasheet
65Kb / 6P
   Single Inverter with Schmitt Trigger
December, 2005 ??Rev. 7
NL17SZ14XV5T2G ONSEMI-NL17SZ14XV5T2G Datasheet
65Kb / 6P
   Single Inverter with Schmitt Trigger
December, 2005 ??Rev. 7
NL17SZ14XV5T2G ONSEMI-NL17SZ14XV5T2G Datasheet
123Kb / 7P
   Single Inverter with Schmitt Trigger
June, 2013 ??Rev. 13
NL17SZ14XV5T2G ONSEMI-NL17SZ14XV5T2G Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14XV5T2G ONSEMI-NL17SZ14XV5T2G Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
More results

Similar Description - NL17SZ14XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14 ONSEMI-NL17SZ14_18 Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14 ONSEMI-NL17SZ14_13 Datasheet
123Kb / 7P
   Single Inverter with Schmitt Trigger
June, 2013 ??Rev. 13
NL17SZ14 ONSEMI-NL17SZ14_V01 Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
NL17SZ14 ONSEMI-NL17SZ14_05 Datasheet
65Kb / 6P
   Single Inverter with Schmitt Trigger
December, 2005 ??Rev. 7
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com