Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89631 Datasheet(PDF) 2 Page - Mallory performance club

Part # 89631
Description  MSD Digital Shift Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

89631 Datasheet(HTML) 2 Page - Mallory performance club

  89631 Datasheet HTML 1Page - Mallory performance club 89631 Datasheet HTML 2Page - Mallory performance club 89631 Datasheet HTML 3Page - Mallory performance club 89631 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATIONINSTRUCTIONS
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
Figure 2 Installing with an MSD Ignition.
MAGNETIC
CONNECTOR
NOT USED
TO BATTERY
WHITE
BLACK
ORANGE
WHITE
BLACK
ORANGE
RED
TO BATTERY
BLACK
TRIGGER INPUT
RED
RED
SWITCHED
12 VOLT
GREEN
BLACK GROUND
UP
MODE
DOWN
COIL
OPTIONAL 2.2K RESISTOR
FOR NOISE FILTER
Figure 3 Installing with an MSD Motorcycle Ignition.
MAGNETIC
CONNECTOR
NOT USED
WHITE
BLACK
ORANGE
RED
RED
RED
SWITCHED
12 VOLT
GREEN
BLACK GROUND
UP
MODE
DOWN
RED
GREEN
OPTIONAL 2.2K RESISTOR
FOR NOISE FILTER
Note: If the rpm display
shows interference,
install the supplied
2.2K ohm resis-
tor in-line on the
Green wire.
Note: If the rpm display
shows interference,
install the supplied
2.2K ohm resis-
tor in-line on the
Green wire.


Similar Part No. - 89631

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8963 MALLORY-8963 Datasheet
458Kb / 4P
   MSD Digital Shift Light
logo
FCI connector
89639-XYY FCI-CONNECTOR-89639-XYY Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
More results

Similar Description - 89631

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8963 MALLORY-8963 Datasheet
458Kb / 4P
   MSD Digital Shift Light
PN8963 MALLORY-PN8963 Datasheet
458Kb / 4P
   MSD Digital Shift Light
PN89631 MALLORY-PN89631 Datasheet
571Kb / 4P
   MSD Digital Shift Light
PN8952 MALLORY-PN8952 Datasheet
304Kb / 4P
   MSD Shift Light
8952 MALLORY-8952 Datasheet
304Kb / 4P
   MSD Shift Light
PN7542 MALLORY-PN7542 Datasheet
212Kb / 2P
   MSD Digital Shift Light with Adjustable Intensity
PN75591 MALLORY-PN75591 Datasheet
547Kb / 8P
   MSD Programmable Shift Controller
PN8992 MALLORY-PN8992 Datasheet
222Kb / 4P
   MSD Timing Light
PN8991 MALLORY-PN8991 Datasheet
165Kb / 2P
   MSD Self-Powered Timing Light
PN8975 MALLORY-PN8975 Datasheet
1Mb / 8P
   MSD Digital Retard Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com