Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA208X-800E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA208X-800E
Description  Three quadrant triacs guaranteed commutation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-800E Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA208X-800E Datasheet HTML 1Page - NXP Semiconductors BTA208X-800E Datasheet HTML 2Page - NXP Semiconductors BTA208X-800E Datasheet HTML 3Page - NXP Semiconductors BTA208X-800E Datasheet HTML 4Page - NXP Semiconductors BTA208X-800E Datasheet HTML 5Page - NXP Semiconductors BTA208X-800E Datasheet HTML 6Page - NXP Semiconductors BTA208X-800E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208X series D, E and F
guaranteed commutation
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-hs, versus
pulse width t
p.
Fig.12. Miniumum, critical rate of change of
commutating current dI
com/dt versus junction
temperature, dV
com/dt = 20V/µs
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T2+ G+
T2+ G-
T2- G-
Tj/°C
IGT(Tj)
IGT(25°C)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.264 V
Rs = 0.0378 Ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
tp / s
Zth j-hs (K/W)
t
p
P
t
D
bidirectional
unidirectional
with heatsink compound
without heatsink compound
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
Tj / C
IH(Tj)
IH(25C)
1
10
100
20
40
60
80
100
120
140
F TYPE
E TYPE
D TYPE
Tj/˚C
dIcom/dt (A/ms)
February 2000
5
Rev 1.000


Similar Part No. - BTA208X-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-800E PHILIPS-BTA208X-800E Datasheet
45Kb / 8P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208X-800E PHILIPS-BTA208X-800E Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
logo
WeEn Semiconductors
BTA208X-800E WEEN-BTA208X-800E Datasheet
304Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA208X-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com