Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA208X-600E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA208X-600E
Description  Three quadrant triacs guaranteed commutation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-600E Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA208X-600E Datasheet HTML 1Page - NXP Semiconductors BTA208X-600E Datasheet HTML 2Page - NXP Semiconductors BTA208X-600E Datasheet HTML 3Page - NXP Semiconductors BTA208X-600E Datasheet HTML 4Page - NXP Semiconductors BTA208X-600E Datasheet HTML 5Page - NXP Semiconductors BTA208X-600E Datasheet HTML 6Page - NXP Semiconductors BTA208X-600E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208X series D, E and F
guaranteed commutation
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance
full or half cycle
junction to heatsink
with heatsink compound
-
-
4.5
K/W
without heatsink compound
-
-
6.5
K/W
R
th j-a
Thermal resistance
in free air
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA208X-
...D
...D
...E
...F
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
-
0.8
5
10
25
mA
T2+ G-
-
2.0
5
10
25
mA
T2- G-
-
3.2
5
10
25
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7.2
15
25
30
mA
T2+ G-
-
8.2
25
30
40
mA
T2- G-
-
11.0
25
30
40
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
5.3
15
25
30
mA
...D, E, F
V
T
On-state voltage
I
T = 10 A
-
1.3
1.65
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
2 Device does not trigger in the T2-, G+ quadrant.
February 2000
2
Rev 1.000


Similar Part No. - BTA208X-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-600E PHILIPS-BTA208X-600E Datasheet
45Kb / 8P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208X-600E PHILIPS-BTA208X-600E Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
logo
WeEn Semiconductors
BTA208X-600E WEEN-BTA208X-600E Datasheet
305Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA208X-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com