Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4341 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4341
Description  High Power Infrared Emitter (940 nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4341 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4341 Datasheet HTML 1Page - OSRAM GmbH SFH4341 Datasheet HTML 2Page - OSRAM GmbH SFH4341 Datasheet HTML 3Page - OSRAM GmbH SFH4341 Datasheet HTML 4Page - OSRAM GmbH SFH4341 Datasheet HTML 5Page - OSRAM GmbH SFH4341 Datasheet HTML 6Page - OSRAM GmbH SFH4341 Datasheet HTML 7Page - OSRAM GmbH SFH4341 Datasheet HTML 8Page - OSRAM GmbH SFH4341 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.1 acc. to OS-PCN-2009-021-A2
SFH 4341
2014-01-15
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 70 mA, tp = 20 ms)
(typ)
λpeak
950
nm
Centroid Wavelength
Schwerpunktwellenlänge der Strahlung
(IF = 70 mA, tp = 20 ms)
(typ)
λcentroid
940
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 70 mA, tp = 10 ms)
(typ)
Δλ
42
nm
Half angle
Halbwinkel
(typ)
ϕ
± 11
°
Active chip area
Aktive Chipfläche
(typ)
A
0.04
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
(typ)
L x W
0.2 x 0.2
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 70 mA, RL = 50 Ω)
(typ)
tr, tf
12
ns
Forward voltage
Durchlassspannung
(IF = 70 mA, tp = 20 ms)
(typ (max)) VF
1.6 (≤ 2)
V
Forward voltage
Durchlassspannung
(IF = 500 mA, tp = 100 μs)
(typ (max)) VF
2.4 (≤ 3)
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ (max)) IR
not designed for
reverse operation
µA
Total radiant flux
Gesamtstrahlungsfluss
(IF = 70 mA, tp= 20 ms)
(typ)
Φe
40
mW


Similar Part No. - SFH4341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
logo
ams AG
SFH4346 AMSCO-SFH4346 Datasheet
713Kb / 14P
   Radial T1 Infrared Emitter (940 nm)
Version 1.4 2019-07-16
SFH4346-UV AMSCO-SFH4346-UV Datasheet
713Kb / 14P
   Radial T1 Infrared Emitter (940 nm)
Version 1.4 2019-07-16
More results

Similar Description - SFH4341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
   High Power Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
   High Power Infrared Emitter (940 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
   High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
   High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com