Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 26Page - Maxim Integrated Products MX7705 Datasheet HTML 27Page - Maxim Integrated Products MX7705 Datasheet HTML 28Page - Maxim Integrated Products MX7705 Datasheet HTML 29Page - Maxim Integrated Products MX7705 Datasheet HTML 30Page - Maxim Integrated Products MX7705 Datasheet HTML 31Page - Maxim Integrated Products MX7705 Datasheet HTML 32Page - Maxim Integrated Products MX7705 Datasheet HTML 33Page - Maxim Integrated Products MX7705 Datasheet HTML 34Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Applications Information
Applications Examples
Strain-Gauge Measurement
Connect the differential inputs of the MX7705 to the
bridge network of the strain gauge. In Figure 12, the ana-
log positive supply voltage powers the bridge network
and the MX7705, along with the reference voltage in a
ratiometric configuration. The on-chip PGA allows the
MX7705 to handle an analog input voltage range as low
as 20mV to full scale.
Temperature Measurement
Use the MX7705 for temperature measurements from a
thermocouple (Figure 13). Operate the MX7705 in
buffered mode to allow large decoupling capacitors at
the analog inputs. The decoupling capacitors eliminate
any noise pickup from the thermocouple leads. AIN1- is
biased up at the reference voltage to accommodate the
reduced common-mode input range in buffered mode.
Optical Isolation
For applications that require an optically isolated inter-
face, see Figure 14. With 6N136-type optocouplers,
maximum clock speed is 4MHz. Maximum clock speed
is limited by the degree of mismatch between the indi-
vidual optocouplers. Faster optocouplers allow faster
signaling at a higher cost.
Layout, Grounding, Bypassing
Use PC boards with separate analog and digital
ground planes. Connect the two ground planes togeth-
er at the MX7705 GND. Isolate the digital supply from
the analog with a low-value resistor (10
Ω) or ferrite
bead when the analog and digital supplies come from
the same source.
Ensure that digital return currents do not pass through
the analog ground and that return-current paths are low
impedance. A 5mA current flowing through a PC board
ground trace impedance of only 0.05
Ω creates an error
voltage of about 250µV.
Layout the PC board to ensure digital and analog sig-
nal lines are kept separate. Do not run digital lines
(especially the SCLK and DOUT) parallel to any analog
lines. If they must cross another, do so at right angles.
Bypass VDD to the analog ground plane with a 0.1µF
capacitor in parallel with a 1µF to 10µF low-ESR capac-
itor. Keep capacitor leads short for best supply-noise
rejection. Bypass REF+ and REF- with a 0.1µF capaci-
tor to GND. Place all bypass capacitors as close to the
device as possible to achieve the best decoupling.
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
30
______________________________________________________________________________________
MX7705
VDD
CLKIN
REF+
REF-
AIN1+
AIN1-
CLKOUT
CS
SCLK
DIN
DOUT
DRDY
RESET
GND
VDD
RREF
ACTIVE
GAUGE
DUMMY
GAUGE
0.1
µF
10
µF
0.1
µF
0.1
µF
R
R
VDD = 3V/5V*
*USE A 1.225V REFERENCE FOR VDD = 3V OR A 2.5V REFERENCE FOR VDD = 5V.
VDD
REF+
REF-
AIN1+
AIN1-
GND
CLKIN
CLKOUT
DIN
SCLK
DOUT
THERMOCOUPLE
JUNCTION
1.225V/2.5V
REFERENCE*
10
µF
10
µF
0.1
µF
0.1
µF
RESET
DRDY
CS
MX7705
Figure 12. Strain-Gauge Measurement
Figure 13. Temperature Measurement


Similar Part No. - MX7705

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705 MAXIM-MX7705 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz