Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7705 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products MX7705 Datasheet HTML 10Page - Maxim Integrated Products MX7705 Datasheet HTML 11Page - Maxim Integrated Products MX7705 Datasheet HTML 12Page - Maxim Integrated Products MX7705 Datasheet HTML 13Page - Maxim Integrated Products MX7705 Datasheet HTML 14Page - Maxim Integrated Products MX7705 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
______________________________________________________________________________________
11
Table 4. Peak-to-Peak Resolution vs. Gain and Output Data Rate (VDD = 3V)
TYPICAL PEAK-TO-PEAK RESOLUTION (BITS)
GAIN
FILTER FIRST
NOTCH AND
OUTPUT DATA RATE
-3dB FREQUENCY
1
2
4
8
16
32
64
128
BUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
15
14
13
12
25Hz
6.55Hz
16
16
16
16
15
14
13
12
100Hz
26.2Hz
12
12
12
12
12
12
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
UNBUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
15
14
13
12
25Hz
6.55Hz
16
16
16
16
15
14
13
12
100Hz
26.2Hz
12
12
12
12
12
14
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
BUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
15
14
13
12
60Hz
15.72Hz
16
16
16
16
15
14
13
12
250Hz
65.5Hz
12
12
12
12
12
12
11
11
500Hz
131Hz
10
11
10
10
10
10
10
9
UNBUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
15
14
13
12
60Hz
15.72Hz
16
16
16
16
15
14
13
12
250Hz
65.5Hz
12
12
12
12
12
12
11
11
500Hz
131Hz
10
10
10
10
10
10
10
9
TYPICAL OUTPUT NOISE
READING NUMBER
1600
1200
800
400
32758
32760
32762
32764
32766
32768
32770
32772
32774
32776
32756
0
2000
VDD = 5V,
VREF = 2.5V
GAIN = 128
ODR = 60Hz
RMS NOISE = 1.3
µV
HISTOGRAM OF TYPICAL OUTPUT NOISE
CODE
100
200
300
400
0
VDD = 5V, VREF = 2.5V
GAIN = 128
ODR = 60Hz
RMS NOISE = 1.3
µV
OFFSET ERROR vs. SUPPLY VOLTAGE (3V)
SUPPLY VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
-0.0010
-0.0005
0
0.0005
0.0010
0.0015
-0.0015
2.70
3.60
VDD = 3V
Typical Operating Characteristics
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705 MAXIM-MX7705 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com