Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7705 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products MX7705 Datasheet HTML 10Page - Maxim Integrated Products MX7705 Datasheet HTML 11Page - Maxim Integrated Products MX7705 Datasheet HTML 12Page - Maxim Integrated Products MX7705 Datasheet HTML 13Page - Maxim Integrated Products MX7705 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
10
______________________________________________________________________________________
Table 3. Output RMS Noise vs. Gain and Output Data Rate (VDD = 3V)
TYPICAL OUTPUT RMS NOISE (µV)
GAIN
FILTER FIRST
NOTCH AND
OUTPUT DATA RATE
-3dB FREQUENCY
1248
16
32
64
128
BUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
3.52
1.84
2.19
0.73
0.66
0.62
0.62
0.62
25Hz
6.55Hz
4.24
2.23
1.19
0.84
0.74
0.69
0.69
0.69
100Hz
26.2Hz
50.36
25.12
12.06
6.04
3.38
2.23
1.70
1.69
200Hz
52.4Hz
268.02
175.98
65.77
34.89
16.73
8.76
4.70
4.70
UNBUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
3.58
1.92
1.13
0.72
0.66
0.64
0.61
0.62
25Hz
6.55Hz
4.16
2.27
1.27
0.83
0.74
0.70
0.69
0.67
100Hz
26.2Hz
50.48
23.89
12.10
5.90
3.26
0.70
1.66
1.63
200Hz
52.4Hz
256.43
135.78
65.62
33.18
16.65
8.47
4.66
4.68
BUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
2.84
1.68
2.00
0.71
0.67
0.65
0.63
0.61
60Hz
15.72Hz
3.27
1.84
1.12
0.78
0.75
0.70
0.68
0.67
250Hz
65.5Hz
47.90
24.43
12.56
6.48
3.45
2.32
1.64
1.66
500Hz
131Hz
281.03
104.19
69.58
34.59
17.44
9.20
5.16
4.92
UNBUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
3.04
1.74
1.03
0.72
0.64
0.64
0.62
0.63
60Hz
15.72Hz
3.35
1.80
1.13
0.81
0.73
0.69
0.67
0.68
250Hz
65.5Hz
49.63
23.82
13.03
6.23
3.42
2.22
1.68
1.65
500Hz
131Hz
279.13
134.82
69.47
35.42
17.47
9.55
4.90
5.18


Similar Part No. - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705 MAXIM-MX7705 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com