Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-6048 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CBT-BGA-6048
Description  Automated probe manufacturing enables low cost and short lead time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6048 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CBT-BGA-6048 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 5Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 6Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 7Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 8Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
21.225
2.125
5.1125
5.1125
Compression force= 40 N [9 lbf]
22.225
14
8
37.450
A
A
14
6.525
5
SECTION A-A
FEATURES:
Wide temperature range (-55C to +180C)
High current capability (up to 2.9A)
Excellent signal integrity at high frequencies
Low and stable contact resistance for reliable production yield
Highly compliant to accommodate wide co-planarity variations
Automated probe manufacturing enables low cost and short lead time
CBT-BGA DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: CBT-BGA for 4 different IC, max 96 pin array, 0.8mm pitch 4 IC guide inserts
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/30/2015
Material: N/A
Finish: N/A
Weight: 19.19
CBT-BGA-6048 Drawing
SCALE: 2:1
SHEET: 1 OF 9
ENG: J. Vavra
FILE: CBT-BGA-6048 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6048

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6040 IRONWOOD-CBT-BGA-6040 Datasheet
537Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-6041 IRONWOOD-CBT-BGA-6041 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6043 IRONWOOD-CBT-BGA-6043 Datasheet
783Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-BGA-6044 IRONWOOD-CBT-BGA-6044 Datasheet
439Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6045 IRONWOOD-CBT-BGA-6045 Datasheet
344Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6048

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com