Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN70T10T220FTGB Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SPN70T10T220FTGB
Description  DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN70T10T220FTGB Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SPN70T10T220FTGB Datasheet HTML 1Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 2Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 3Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 4Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 5Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 6Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 7Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 8Page - SYNC POWER Crop. SPN70T10T220FTGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2017/1/10
Ver 3
Page 4
SPN70T10
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
100
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
1.4
1.9
2.4
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=100V,VGS=0V
TJ = 25°C
1
uA
VDS=100V,VGS=0V
TJ = 100°C
100
Drain-Source On-Resistance
RDS(on)
VGS= 10V,ID=20A
9.5
12
VGS= 4.5V,ID=20A
11.5
15
Diode Forward Voltage
VSD
IF=20A,VGS =0V
0.9
1.2
V
Dynamic
Total Gate Charge
Qg(10V)
VDS=50V,VGS=10V
ID= 14A
29
nC
Total Gate Charge
Qg(4.5V)
14
Gate-Source Charge
Qgs
5
Gate-Drain Charge
Qgd
5
Input Capacitance
Ciss
VDD=50V,VGS=0V
f=1MHz
2275
pF
Output Capacitance
Coss
162
Reverse Transfer Capacitance
Crss
7.9
Turn-On Time
td(on)
VDD=50V,
ID=14A,VGS=10V
RG=10Ω
8
nS
tr
3
Turn-Off Time
td(off)
26
tf
4
Reverse Recovery Time
trr
VR=50V, IF=12A, d
IF/dt=500A/uS
33
nS
Reverse Recovery Charge
Qrr
157
nC


Similar Part No. - SPN70T10T220FTGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002 SYNC-POWER-SPN7002 Datasheet
264Kb / 10P
   N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RGB SYNC-POWER-SPN7002DS36RGB Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN70T10T220FTGB

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com