Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89240BC-K8T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-89240BC-K8T2U
Description  MINI ANALOG SERIES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89240BC-K8T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-89240BC-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-89240BC-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
S-89230/89240 Series
Rev.3.0_01
8
3. VDD = 1.8 V
Table 10
DC Electrical Characteristics (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
(per circuit)
IDD
S-89230 Series
23
40
μA
5
S-89240 Series
5
9
μA
5
Input offset voltage drift
VIO
−4
±3
+4
mV
1
Input offset voltage
ΔVIO
ΔTa
Ta =
−40°C to +85°C
±10
μV/°C
1
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input voltage
range
VCMR
0
1.1
V
2
Maximum output
swing voltage
VOH
RL = 1.0 M
Ω
1.7
V
3
VOL
RL = 1.0 M
Ω
0.01
V
4
Common-mode input signal
rejection ratio
CMRR
60
70
dB
2
Power supply voltage
rejection ratio
PSRR
60
70
dB
1
Source current
ISOURCE VOUT = 0 V
S-89230 Series
100
μA
6
S-89240 Series
20
μA
6
Sink current
ISINK
VOUT = 0.5 V
S-89230 Series
5
mA
7
S-89240 Series
3.5
mA
7
Table 11
AC Electrical Characteristics (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Rise propagation
delay time
tPLH
Overdrive = 100 mV
CL = 15 pF
(Refer to Figure 12)
S-89230 Series
18
μs
S-89240 Series
87
μs
Fall propagation
delay time
tPHL
S-89230 Series
3.5
μs
S-89240 Series
15
μs
Rise response time
tTLH
S-89230 Series
1.2
μs
S-89240 Series
6
μs
Fall response time
tTHL
S-89230 Series
1.2
μs
S-89240 Series
6
μs


Similar Part No. - S-89240BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89240BC-K8T2U SII-S-89240BC-K8T2U Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
More results

Similar Description - S-89240BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com