Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89140BC-K8T2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-89140BC-K8T2U
Description  MINI ANALOG SERIES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89140BC-K8T2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-89140BC-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Rev.1.0_01
S-89130/89140 Series
11
3. Maximum output swing voltage (VOH)
+
VOH
VDD
VIN1
VIN2
RL
VDD / 2
• Maximum output swing voltage (VOH)
Test conditions
VIN1
=
VDD
2 − 0.1 V
VIN2
=
VDD
2 + 0.1 V
RL
= 1 MΩ
Figure 7
4. Maximum output swing voltage (VOL)
+
VOL
VDD
VIN1
VIN2
RL
VDD / 2
• Maximum output swing voltage (VOL)
Test conditions:
VIN1
=
VDD
2 + 0.1 V
VIN2
=
VDD
2 − 0.1 V
RL
= 1 MΩ
Figure 8
5. Current consumption
VDD
VCMR = VDD / 2
A
+
• Current consumption (IDD)
Figure 9


Similar Part No. - S-89140BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89140BC-K8T2U SII-S-89140BC-K8T2U Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89140BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com