Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35770E01A-K8T2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-35770E01A-K8T2U
Description  CONVENIENCE TIMER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35770E01A-K8T2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-35770E01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
Rev.1.2_00
S-35770 Series
7
Absolute Maximum Ratings
Table 4
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 6.5
V
Input voltage
VIN
CLKIN, SDA, SCL, RST
_______
*1
VSS
− 0.3 to VSS + 6.5
V
RST
_______
*2
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Output voltage
VOUT
SDA, LOOP
*3
VSS
− 0.3 to VSS + 6.5
V
LOOP
*4
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Operation ambient
temperature
*5
Topr
−40 to +125
°C
Storage temperature
Tstg
−55 to +150
°C
*1. When the product without a pull-up resistor is selected.
*2. When the product with a pull-up resistor is selected.
*3. When Nch open-drain output is selected.
*4. When CMOS output is selected.
*5. Conditions with no condensation or frost. Condensation or frost causes short-circuiting between pins, resulting in a
malfunction.
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Condition
Table 5
(VSS = 0 V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operation power supply voltage
VDD
Ta =
−40°C to +125°C
1.5
5.5
V


Similar Part No. - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
More results

Similar Description - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35730 SII-S35730 Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
logo
Ultralife Corporation.
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com