Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35770E01A-K8T2U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-35770E01A-K8T2U
Description  CONVENIENCE TIMER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35770E01A-K8T2U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-35770E01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S-35770 Series
Rev.1.2_00
6
Equivalent Circuits of Pins
CLKIN, SCL
Figure 3 CLKIN Pin and SCL Pin
SDA
Figure 4 SDA Pin
RST
_______
Figure 5 RST
_______
Pin (With Pull-up Resistor)
RST
_______
Figure 6 RST
_______
Pin (Without Pull-up Resistor)
LOOP
Figure 7 LOOP Pin (Nch Open-drain Output)
LOOP
Figure 8 LOOP Pin (CMOS Output)


Similar Part No. - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
More results

Similar Description - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35730 SII-S35730 Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
logo
Ultralife Corporation.
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com