Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143XUA Datasheet(PDF) 1 Page - Rohm

Part # DTA143XUA
Description  PNP -100mA -50V Digital Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143XUA Datasheet(HTML) 1 Page - Rohm

  DTA143XUA Datasheet HTML 1Page - Rohm DTA143XUA Datasheet HTML 2Page - Rohm DTA143XUA Datasheet HTML 3Page - Rohm DTA143XUA Datasheet HTML 4Page - Rohm DTA143XUA Datasheet HTML 5Page - Rohm DTA143XUA Datasheet HTML 6Page - Rohm DTA143XUA Datasheet HTML 7Page - Rohm DTA143XUA Datasheet HTML 8Page - Rohm DTA143XUA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DTA143X series
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
4.7kΩ
DTA143XM
DTA143XEB
R2
10kΩ
(VMT3)
(EMT3F)
SOT-416
SOT-323FL
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = 4.7kΩ, R2 = 10kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary NPN Types: DTC143X series
DTA143XE
DTA143XUB
(EMT3)
(UMT3F)
SOT-323
SOT-346
 
 
 
 
l
lApplication
INVERTER, INTERFACE, DRIVER
DTA143XUA
DTA143XKA
(UMT3)
(SMT3)
l
lInner circuit
DTA143XM/ DTA143XEB/ DTA143XUB
DTA143XE/ DTA143XUA/ DTA143XKA
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA143XM
SOT-723
1212
T2L
180
8
8000
33
DTA143XEB
SOT-416FL
1616
TL
180
8
3000
33
DTA143XE
SOT-416
1616
TL
180
8
3000
33
DTA143XUB
SOT-323FL
2021
TL
180
8
3000
33
DTA143XUA
SOT-323
2021
T106
180
8
3000
33
DTA143XKA
SOT-346
2928
T146
180
8
3000
33
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/10
20151001 - Rev.002


Similar Part No. - DTA143XUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143XUA ROHM-DTA143XUA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA143XUA JIANGSU-DTA143XUA Datasheet
109Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143XUA SECOS-DTA143XUA Datasheet
183Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143XUA ROHM-DTA143XUA Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
logo
Rectron Semiconductor
DTA143XUA RECTRON-DTA143XUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA143XUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com