Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114YKA Datasheet(PDF) 7 Page - Rohm

Part # DTA114YKA
Description  PNP -100mA -50V Digital Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114YKA Datasheet(HTML) 7 Page - Rohm

Back Button DTA114YKA Datasheet HTML 3Page - Rohm DTA114YKA Datasheet HTML 4Page - Rohm DTA114YKA Datasheet HTML 5Page - Rohm DTA114YKA Datasheet HTML 6Page - Rohm DTA114YKA Datasheet HTML 7Page - Rohm DTA114YKA Datasheet HTML 8Page - Rohm DTA114YKA Datasheet HTML 9Page - Rohm DTA114YKA Datasheet HTML 10Page - Rohm DTA114YKA Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DTA114Y series
 
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
7/10
20150929 - Rev.002


Similar Part No. - DTA114YKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YKA ROHM-DTA114YKA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA114YKA LRC-DTA114YKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA114YKA JIANGSU-DTA114YKA Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA114YKA SECOS-DTA114YKA Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA114YKA ROHM-DTA114YKA Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA114YKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com