Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EKA Datasheet(PDF) 6 Page - Rohm

Part # DTA114EKA
Description  PNP -100mA -50V Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114EKA Datasheet(HTML) 6 Page - Rohm

Back Button DTA114EKA Datasheet HTML 2Page - Rohm DTA114EKA Datasheet HTML 3Page - Rohm DTA114EKA Datasheet HTML 4Page - Rohm DTA114EKA Datasheet HTML 5Page - Rohm DTA114EKA Datasheet HTML 6Page - Rohm DTA114EKA Datasheet HTML 7Page - Rohm DTA114EKA Datasheet HTML 8Page - Rohm DTA114EKA Datasheet HTML 9Page - Rohm DTA114EKA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DTA114E series
 
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
6/10
20150527 - Rev.004


Similar Part No. - DTA114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EKA ROHM-DTA114EKA Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA114EKA ROHM-DTA114EKA Datasheet
275Kb / 11P
   DTA114E series
logo
Leshan Radio Company
DTA114EKA LRC-DTA114EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA114EKA ROHM-DTA114EKA Datasheet
275Kb / 11P
   DTA114E series
DTA114EKA ROHM-DTA114EKA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA143E ROHM-DTA143E Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com