Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA044TUB Datasheet(PDF) 3 Page - Rohm

Part # DTA044TUB
Description  PNP -60mA -50V Digital Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA044TUB Datasheet(HTML) 3 Page - Rohm

  DTA044TUB Datasheet HTML 1Page - Rohm DTA044TUB Datasheet HTML 2Page - Rohm DTA044TUB Datasheet HTML 3Page - Rohm DTA044TUB Datasheet HTML 4Page - Rohm DTA044TUB Datasheet HTML 5Page - Rohm DTA044TUB Datasheet HTML 6Page - Rohm DTA044TUB Datasheet HTML 7Page - Rohm DTA044TUB Datasheet HTML 8Page - Rohm DTA044TUB Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DTA044T series
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Grounded emitter propagation
characteristics
Fig.2 Grounded emitter output
characteristics
Fig.3 DC Current gain vs. Collector Current
Fig.4 Collector-emitter saturation voltage vs.
Collector Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/6
20160408 - Rev.003


Similar Part No. - DTA044TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA044TUB ROHM-DTA044TUB Datasheet
399Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
More results

Similar Description - DTA044TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC044T ROHM-DTC044T Datasheet
1Mb / 9P
   NPN 60mA 50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
   PNP -500mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA114WUA ROHM-DTA114WUA Datasheet
1,023Kb / 8P
   PNP -100mA -50V Digital Transistor
DTB114EK ROHM-DTB114EK_16 Datasheet
915Kb / 8P
   PNP -500mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com