Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA208S-600B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA208S-600B
Description  Three quadrant triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208S-600B Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA208S-600B Datasheet HTML 1Page - NXP Semiconductors BTA208S-600B Datasheet HTML 2Page - NXP Semiconductors BTA208S-600B Datasheet HTML 3Page - NXP Semiconductors BTA208S-600B Datasheet HTML 4Page - NXP Semiconductors BTA208S-600B Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208S series B
high commutation
BTA208M series B
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus mounting base temperature T
mb.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
mb ≤ 102˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
02
468
10
0
2
4
6
8
10
12
= 180
120
90
60
30
BT137
IT(RMS) / A
Ptot / W
Tmb(max) / C
125
121
117
113
109
105
101
1
-50
0
50
100
150
0
2
4
6
8
10
BT137
102 C
Tmb / C
IT(RMS) / A
BTA208
10us
100us
1ms
10ms
100ms
10
100
1000
BTA208
T / s
ITSM / A
dI /dt limit
T
T
ITSM
time
I
Tj initial = 25 C max
T
0.01
0.1
1
10
0
5
10
15
20
25
BT137
surge duration / s
IT(RMS) / A
1
10
100
1000
0
10
20
30
40
50
60
70
Number of half cycles at 50Hz
ITSM / A
T
ITSM
time
I
T
Tj initial = 25 C max
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT136
Tj / C
VGT(Tj)
VGT(25 C)
September 1997
3
Rev 1.200


Similar Part No. - BTA208S-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
86Kb / 13P
   Three-quadrant triacs high commutation
Rev. 02-31 May 2005
BTA208S-600B NXP-BTA208S-600B Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
More results

Similar Description - BTA208S-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com