Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD039-151-011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SD039-151-011
Description  InGaAs Photodetector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD039-151-011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SD039-151-011 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD039-151-011 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs Photodetector
PRELIMINARY
SD039-151-011
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C UNLESS NOTED OTHERWISE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Breakdown Voltage
Ibias = 1 µA
20
-
40
V
Spectral Range
800
-
1700
nm
Responsivity
λ= 1310 nm, Vr=5V
0.8
0.9
-
A/W
Shunt Resistance
Vbias = 10 mV
40
200
-
M
Dark Current
Vbias = 5V
-
0.2
10
nA
Capacitance
Vbias = 5V; f = 1 MHz
-
70
150
pF
Rise Time (50
Ω load)
Vbias = 5V; λ= 1310 nm
-
2.0
-
ns
Noise Equivalent Power
VR = 5V@ λ=1310
-
1.0x10
-14-
-
fW/√Hz
TYPICAL PERFORMANCE
NOISE CURRENT vs. REVERSE BIAS
DARK CURRENT vs REVERSE BIAS
SPECTRAL RESPONSE
CAPACITANCE vs. REVERSE BIAS
<
1.E-15
1.E-14
1.E-13
1.E-12
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
ReverseVoltage (V)
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
ReverseVoltage [V]
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
680
880
1080
1280
1480
1680
Wavelenght, nm
5
25
45
65
85
105
125
145
165
0
5
10
15
20
ReverseBias [V]


Similar Part No. - SD039-151-011

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
More results

Similar Description - SD039-151-011

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-001 ETC2-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
SD003-151-001 ETC2-SD003-151-001 Datasheet
361Kb / 2P
   Surface Mount InGaAs Photodetector
logo
Luna Innovations Incorp...
SD004-151-001 LUNA-SD004-151-001 Datasheet
139Kb / 2P
   Surface Mount InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-001 ADVANCEDPHOTONIX-SD012-151-001 Datasheet
324Kb / 2P
   Surface-Mount InGaAs Photodetector
logo
List of Unclassifed Man...
SD002-151-001 ETC2-SD002-151-001 Datasheet
198Kb / 3P
   Surface Mount InGaAS Photodetector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com