Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99782716 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99782716
Description  VAC : capacity 100,000 hrs (99,999.99 hrs)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99782716 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99782716 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99782716 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99782716 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions (mm)
Panel cut-out
Dimensions (mm)
26546843 - Adaptor for cut-out
Dimensions (mm)
26546844 - Adaptor for cut-out
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - 99782716

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
997858-000 TEC-997858-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
3M Electronics
99786 3M-99786 Datasheet
141Kb / 5P
   3M??Double Coated Tape 99786
More results

Similar Description - 99782716

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHM24 ETC2-CHM24 Datasheet
135Kb / 3P
   VAC : capacity 100,000 hrs (99,999.99 hrs)
CHM48 ETC2-CHM48 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs 99,999.99 hrs
99772716 ETC2-99772716 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs (99,999.99 hrs)
logo
JMK Inc.
FF-1319-13E JMK-FF-1319-13E Datasheet
45Kb / 1P
   2,278,891 Hrs
FF-1319-13G JMK-FF-1319-13G Datasheet
43Kb / 1P
   2,278,891 Hrs
EA-2037-2 JMK-EA-2037-2 Datasheet
31Kb / 1P
   3,569,478 Hrs
FF-1319-13F JMK-FF-1319-13F Datasheet
43Kb / 1P
   2,278,891 Hrs
FF-1319-13H JMK-FF-1319-13H Datasheet
46Kb / 1P
   2,278,891 Hrs
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_16 Datasheet
399Kb / 6P
   Standard 2000 hrs
logo
JMK Inc.
FF-2053-15 JMK-FF-2053-15 Datasheet
88Kb / 1P
   16,625,107 Hrs @30C GB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com