Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54754A Datasheet(PDF) 6 Page - Keysight Technologies

Part # 54754A
Description  DCA Probes Accessories
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

54754A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 54754A Datasheet HTML 2Page - Keysight Technologies 54754A Datasheet HTML 3Page - Keysight Technologies 54754A Datasheet HTML 4Page - Keysight Technologies 54754A Datasheet HTML 5Page - Keysight Technologies 54754A Datasheet HTML 6Page - Keysight Technologies 54754A Datasheet HTML 7Page - Keysight Technologies 54754A Datasheet HTML 8Page - Keysight Technologies 54754A Datasheet HTML 9Page - Keysight Technologies 54754A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
06 | Keysight | DCA Probes Accessories - Technical Overview
N9398F
N4910A
N1027A-PT2
DC Blocks, Phase Trimmers, Cables, Caps
Part number
Description
N9398G
1.85 mm male-to-female DC block 16 V 700 kHz to 67 GHz 1
N9398F
2.4 mm male-to-female DC block 16 V 50 kHz to 50 GHz 1
N9398C
3.5 mm male-to-female DC block 16 V 50 kHz to 26.5 GHz 2
N1027A-PT2
2.4 mm male-to-female phase trimmer, range > 22 ps,
IL ≤ 0.8 dB at 50 GHz 1
N1027A-PT3
SMA female-to-female, range > 53 ps, IL ≤ 0.8 dB at 26 GHz 2
N1027A-1C1
1.85 mm coaxial male-to-male cable, 67 GHz, 10 cm 1
N4910A
2.4 mm male-to-male matched coaxial cable pair, 61 cm 1
N4871A
3.5 mm male-to-male matched coaxial cable pair, 91 cm 2
N1027A-1CF
Shipping cap to protect 1.85/2.4 mm female inputs 1
N1027A-1CM
Shipping cap to protect 1.85/2.4 mm male inputs 1
N1027A-3CF
Shipping cap to protect 2.92/3.5 mm female inputs 2
N1027A-3CM
Shipping cap to protect 2.92/3.5 mm male inputs 2
1. 2.4 mm connectors are mechanically compatible with 1.85 mm.
2. 2.92 mm connectors are mechanically compatible with 3.5 mm and SMA
connectors.
Example
– The N1045A-04F requires four N1027A-1CF caps, the N1055A-32M
requires two N1027A-3CM caps.


Similar Part No. - 54754A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
54754A KEYSIGHT-54754A Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - 54754A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-TX1 EXTECH-HDV-TX1 Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-WTX2L EXTECH-HDV-WTX2L Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-TX1L EXTECH-HDV-TX1L Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-3R EXTECH-HDV-5CAM-3R Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-WTX1 EXTECH-HDV-WTX1 Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-WTX EXTECH-HDV-WTX Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-3FM EXTECH-HDV-5CAM-3FM Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-3RM EXTECH-HDV-5CAM-3RM Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com