Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8645BB-B-IS Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si8645BB-B-IS
Description  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BB-B-IS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si8645BB-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 10Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 11Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 12Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 13Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
4. Electrical Specifications
Table 4.1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature 1
TA
–40
25
125 1
°C
Supply Voltage
VDD1
2.5
5.5
V
VDD2
2.5
5.5
V
Note:
1. The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels, and supply
voltage.
Table 4.2. Electrical Characteristics 1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage Threshold
VDDUV+
VDD1, VDD2 rising
1.95
2.24
2.375
V
VDD Undervoltage Threshold
VDDUV–
VDD1, VDD2 falling
1.88
2.16
2.325
V
VDD Undervoltage Hysteresis
VDDHYS
50
70
95
mV
Positive-Going Input Threshold
VT+
All inputs rising
1.4
1.67
1.9
V
Negative-Going Input Threshold
VT–
All inputs falling
1.0
1.23
1.4
V
Input Hysteresis
VHYS
0.38
0.44
0.50
V
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1, VDD2 – 0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
Si864xxA/B/C/D
Si864xxT
IL
±10
±15
µA
Output Impedance 2
ZO
50
Ω
Enable Input Current
Si864xxA/B/C/D
Si864xxT
IENH, IENL
VENx = VIH or VIL
2.0
10.0
µA
DC Supply Current (All Inputs 0 V or at Supply)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.0
2.4
6.1
2.5
1.6
3.8
9.2
4.0
mA
Si864x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 9


Similar Part No. - Si8645BB-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8645BB-B-IS SILABS-SI8645BB-B-IS Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS SKYWORKS-SI8645BB-B-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Silicon Laboratories
SI8645BB-B-IS1 SILABS-SI8645BB-B-IS1 Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS1 SKYWORKS-SI8645BB-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Similar Description - Si8645BB-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com