Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28PCIE14 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL28PCIE14
Description  PCI-Express Gen 2 & Gen 3 Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE14 Datasheet(HTML) 5 Page - Silicon Laboratories

  SL28PCIE14 Datasheet HTML 1Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 2Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 3Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SL28PCIe14
DOC#: SP-AP-0014 (Rev. 0.2)
Page 5 of 13
5
0
R/W
RESERVED
RESERVED
4
0
R/W
RESERVED
RESERVED
3
0
R/W
RESERVED
RESERVED
2
0
R/W
RESERVED
RESERVED
1
0
R/W
RESERVED
RESERVED
0
0
R/W
RESERVED
RESERVED
Byte 0: Control Register 0
Byte 1: Control Register 1
Bit
@Pup
Type
Name
Description
7
0
R/W
RESERVED
RESERVED
6
0
R/W
RESERVED
RESERVED
5
0
R/W
RESERVED
RESERVED
4
0
R/W
RESERVED
RESERVED
3
0
R/W
RESERVED
RESERVED
2
1
R/W
SRC0_OE
Output enable for SRC0
0 = Output Disabled, 1 = Output Enabled
1
0
R/W
RESERVED
RESERVED
0
1
R/W
SRC1_OE
Output enable for SRC1
0 = Output Disabled, 1 = Output Enabled
Byte 2: Control Register 2
Bit
@Pup
Type
Name
Description
7
1
R/W
SRC2_OE
Output enable for SRC2
0 = Output Disabled, 1 = Output Enabled
6
1
R/W
SRC3_OE
Output enable for SRC3
0 = Output Disabled, 1 = Output Enabled
5
0
R/W
RESERVED
RESERVED
4
0
R/W
RESERVED
RESERVED
3
0
R/W
RESERVED
RESERVED
2
0
R/W
RESERVED
RESERVED
1
0
R/W
RESERVED
RESERVED
0
0
R/W
RESERVED
RESERVED
Byte 3: Control Register 3
Bit
@Pup
Type
Name
Description
7
0
R
Rev Code Bit 3
Revision Code Bit 3
6
0
R
Rev Code Bit 2
Revision Code Bit 2
5
0
R
Rev Code Bit 1
Revision Code Bit 1
4
0
R
Rev Code Bit 0
Revision Code Bit 0
3
1
R
Vendor ID bit 3
Vendor ID Bit 3
2
0
R
Vendor ID bit 2
Vendor ID Bit 2
1
0
R
Vendor ID bit 1
Vendor ID Bit 1
0
0
R
Vendor ID bit 0
Vendor ID Bit 0
Byte 4: Control Register 4
Bit
@Pup
Type
Name
Description


Similar Part No. - SL28PCIE14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Similar Description - SL28PCIE14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE50 SILABS-SL28PCIE50 Datasheet
399Kb / 17P
   PCI-Express Gen 2 Compliant
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com