Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si53325-B-GM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si53325-B-GM
Description  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53325-B-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si53325-B-GM Datasheet HTML 7Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 8Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 9Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 10Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 11Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 12Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 13Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 14Page - Silicon Laboratories Si53325-B-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
2.7 Typical Phase Noise Performance: Differential Input Clock
Each of the phase noise plots superimposes Source Jitter, Total SE Jitter, and Total Diff Jitter on the same diagram.
• Source Jitter—Reference clock phase noise (measured Single-ended to PNA).
• Total Jitter (SE)—Combined source and clock buffer phase noise measured as a single-ended output to the phase noise analyzer
and integrated from 12 kHz to 20 MHz.
• Total Jitter (Diff)—Combined source and clock buffer phase noise measured as a differential output to the phase noise analyzer
and integrated from 12 kHz to 20 MHz. The differential measurement as shown in each figure is made using a balun. For more infor-
mation, see 3. Electrical Specifications.
Note: To calculate the total RMS phase jitter when adding a buffer to your clock tree, use the root-sum-square (RSS).
PSPL 5310A
CLKx
CLKxb
50
50
Balun
50 Ohm
AG E5052 Phase Noise
Analyzer
Si5332x
DUT
PSPL 5310A
CLK SYNTH
SMA103A
Balun
Source jitter
measured here
Total jitter (Single-Ended)
measured here
Total jitter (Differential)
measured here
Figure 2.9. Differential Measurement Method Using a Balun
The total jitter is a measure of the source plus the buffer's additive phase jitter. The additive jitter (rms) of the buffer can then be calcula-
ted (via root-sum-square addition).
Frequency
(MHz)
Differential
Input Slew Rate (V/ns)
Source Jitter
(fs)
Total Jitter
(SE) (fs)
Additive Jitter
(SE) (fs)
Total Jitter
(Differential) (fs)
Additive Jitter
(Differential) (fs)
156.25
1.0
38.2
147.8
142.8
118.3
112.0
Figure 2.10. Total Jitter Differential Input (156.25 MHz)
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 10


Similar Part No. - Si53325-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53325-B-GM SKYWORKS-SI53325-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - Si53325-B-GM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com