Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si82397AD-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si82397AD-IS
Description  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82397AD-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si82397AD-IS Datasheet HTML 3Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 4Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 5Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 6Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 7Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 8Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 9Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 10Page - Silicon Laboratories Si82397AD-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
2.2.1 Device Behavior
The following are truth tables for the Si8239x families.
Table 2.1. Si82390/1/3 Drivers Enhanced UVLO and Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P2
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H / L4
H / L4
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
X
X
H
P
P
UP
L
UD
L
VOA, VOB are actively
driven low if either
VDDA or VDDB is UP
X
X
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
4. VOA = VOB = L for Si82393 only
Table 2.2. Si82392/5/6 Drivers with UVLO Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H / L4
H / L4
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
H
X
H
P
P
UP
H
UD
L
VOA depends on
VDDA state
L
X
H
P
P
UP
L
UD
L
X
H
H
P
UP
P
UD
H
L
VOB depends on
VDDB state
X
L
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
4. VOA = VOB = L for Si82392 only
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


Similar Part No. - Si82397AD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82397AD-IS SILABS-Si82397AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82397AD-IS SKYWORKS-SI82397AD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82397AD-IS3 SKYWORKS-SI82397AD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - Si82397AD-IS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com