Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRADK10 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRADK10
Description  3-phase 115-230V 0.5HP Variable speed Motor Drive control for Appliances and light Industrial Applications.
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRADK10 Datasheet(HTML) 1 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.irf.com
IRADK10
Demo kit Board Features
• 115/230VAC input,
• 400W, 3 Phase,variable voltage output.
• NTC thermistor inrush current limiter.
• Micro controller 8-Bit with A/D converter.
• Constant volt-seconds control.
• Opto-isolated RS-232 serial link interface to
the Graphic User Interface software.
• Fault protection for over current and over
temperature.
• Integral aux. power +15V and +5V.
• AC input EMI filter and on/off switch.
Power Module
• 600V NPT IGBT technology.
• Current rating 5A @ Tc=100°C.
• Monolithic IC Driver.
• Cross-conduction prevention logic.
• Optimized gate drive for reduced EMI.
• IMS substrate ground plane provides
EMI shielding.
• Fully isolated screw mount package.
Graphic User Interface Control Software
• Displays DC-link current and power module
and heat sink temperatures.
• Displays Driver status.
• GUI user settable parameters:
• Motor operating frequency.
• IGBT conduction dead time.
• Motor acceleration.
• PWM frequency.
• IGBT temperature limit.
IRADK10 Motor Drive
Reference Design Kit
3-phase 115-230V 0.5HP
Variable speed Motor Drive
control for Appliances and
light Industrial Applications.
Figure 1 IRADK10 Reference Design Kit


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn