Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si82395AD-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si82395AD-IS
Description  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82395AD-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si82395AD-IS Datasheet HTML 7Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 8Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 9Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 10Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 11Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 12Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 13Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 14Page - Silicon Laboratories Si82395AD-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Equation 2 can be rearranged to determine the maximum package power dissipation for a given ambient temperature.
PDmax =
(Tjmax −TA
θ ja
)
Note: Where:
• PDmax is the maximum allowed power dissipation (W)
• Tjmax is the maximum allowed junction temperature (150 °C from table 4.8)
• TA is the ambient temperature (25 °C in this example)
• Θja is the thermal resistance of the package (100 °C/W from table 4.7)
PDmax = 1.25 W
Substituting values used in this example back into Equation 1, establishes a relationship between the maximum capacitive load and
switching frequency.
The following figure shows the relationship between the capacitive load and the switching frequency for four different driver supply vol-
tages. In the figure, the points along the load line represent the package dissipation-limited value of CL as a function of switching fre-
quency.
Figure 2.15. Max Load vs. Switching Frequency
2.5 Layout Considerations
It is most important to minimize ringing in the drive path and noise on the Si8239x VDD lines. Care must be taken to minimize parasitic
inductance in these paths by locating the Si8239x as close to the device it is driving as possible. In addition, the VDD supply and
ground trace paths must be kept short. For this reason, the use of power and ground planes is highly recommended. A split ground
plane system having separate ground and VDD planes for power devices and small signal components provides the best overall noise
performance.
2.6 Undervoltage Lockout Operation
Device behavior during start-up, normal operation and shutdown is shown in Figure 2.16 Si82391/2/3/6/8 Device Behavior during Nor-
mal Operation and Shutdown on page 11, where UVLO+ and UVLO- are the positive-going and negative-going thresholds respective-
ly. Note that outputs VOA and VOB default low when input side power supply (VDDI) is not present.
2.6.1 Device Startup
Outputs VOA and VOB are held low during power-up until VDD is above the UVLO threshold for time period tSTART. Following this,
the outputs follow the states of inputs VIA and VIB.
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 10


Similar Part No. - Si82395AD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82395AD-IS SILABS-Si82395AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82395AD-IS SKYWORKS-SI82395AD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82395AD-IS3 SKYWORKS-SI82395AD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - Si82395AD-IS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com