Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI863X Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI863X
Description  Industrial automation systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI863X Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI863X Datasheet HTML 5Page - Silicon Laboratories SI863X Datasheet HTML 6Page - Silicon Laboratories SI863X Datasheet HTML 7Page - Silicon Laboratories SI863X Datasheet HTML 8Page - Silicon Laboratories SI863X Datasheet HTML 9Page - Silicon Laboratories SI863X Datasheet HTML 10Page - Silicon Laboratories SI863X Datasheet HTML 11Page - Silicon Laboratories SI863X Datasheet HTML 12Page - Silicon Laboratories SI863X Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
4. Electrical Specifications
Table 4.1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature 1
TA
–40
25
125 1
°C
Supply Voltage
VDD1
2.5
5.5
V
VDD2
2.5
5.5
V
Note:
1. The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels, and supply
voltage.
Table 4.2. Electrical Characteristics 1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage Threshold
VDDUV+
VDD1, VDD2 rising
1.95
2.24
2.375
V
VDD Undervoltage Threshold
VDDUV–
VDD1, VDD2 falling
1.88
2.16
2.325
V
VDD Undervoltage Hysteresis
VDDHYS
50
70
95
mV
Positive-Going Input Threshold
VT+
All inputs rising
1.4
1.67
1.9
V
Negative-Going Input Threshold
VT–
All inputs falling
1.0
1.23
1.4
V
Input Hysteresis
VHYS
0.38
0.44
0.50
V
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1, VDD2 – 0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
Si863xxA/B/C/D
Si863xxT
IL
±10
±15
µA
Output Impedance 2
ZO
50
Ω
Enable Input Current
Si863xxA/B/C/D
Si863xxT
IENH, IENL
VENx = VIH or VIL
2.0
10.0
µA
DC Supply Current (All Inputs 0 V or at Supply)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
0.9
1.9
4.6
1.9
1.6
3.0
7.4
3.0
mA
Si8630/31/35 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.8 | 8


Similar Part No. - SI863X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
SI8630 SILABS-SI8630 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8630AB-AS SILABS-SI8630AB-AS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630AB-AS SKYWORKS-SI8630AB-AS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
More results

Similar Description - SI863X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
   Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com