Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8455BA-B-IU Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si8455BA-B-IU
Description  FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8455BA-B-IU Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si8455BA-B-IU Datasheet HTML 7Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 8Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 9Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 10Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 11Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 12Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 13Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 14Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Si844x/5x QSOP
Rev. 1.2
11
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8455Bx
VDD1
VDD2
4.3
13.3
6.5
16.6
mA
Si8442Bx
VDD1
VDD2
7.2
7.2
9.0
9.0
mA
Timing Characteristics
Si845xBx, Si8442Bx
Maximum Data Rate
0
1.0
Mbps
Minimum Pulse Width
250
ns
Propagation Delay
tPHL,tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 2
25
ns
Propagation Delay Skew3
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Si845xBx, Si8442Bx
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
6.0
ns
Propagation Delay
tPHL, tPLH
See Figure 2
3.0
6.0
9.5
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 2
1.5
2.5
ns
Propagation Delay Skew3
tPSK(P-P)
—2.0
3.0
ns
Channel-Channel Skew
tPSK
—0.5
1.8
ns
Table 5. Electrical Characteristics1 (Continued)
(VDD1 = 2.70 V, VDD2 = 2.70 V, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Specifications in this table are also valid at VDD1 = 2.6 V and VDD2 = 2.6 V when the operating temperature range is
constrained to TA = 0 to 85 °C.
2. The nominal output impedance of an isolator driver channel is approximately 85 , ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
3. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the
same supply voltages, load, and ambient temperature.
4. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - Si8455BA-B-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8455BA-B-IU SKYWORKS-SI8455BA-B-IU Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results

Similar Description - Si8455BA-B-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
   Four Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
   Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14430 MAXIM-MAX14430_V01 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14430 MAXIM-MAX14430 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
Rev 5; 11/20
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
   Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com