Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS60101DMT Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS60101DMT
Description  NPN Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS60101DMT Datasheet(HTML) 3 Page - ON Semiconductor

  NSS60101DMT Datasheet HTML 1Page - ON Semiconductor NSS60101DMT Datasheet HTML 2Page - ON Semiconductor NSS60101DMT Datasheet HTML 3Page - ON Semiconductor NSS60101DMT Datasheet HTML 4Page - ON Semiconductor NSS60101DMT Datasheet HTML 5Page - ON Semiconductor NSS60101DMT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS60101DMT
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
50
100
150
200
300
350
400
10
1
0.1
0.01
0.001
0
50
100
150
200
250
350
400
Figure 3. Collector Current as a Function of
Collector Emitter Voltage
Figure 4. Collector−Emitter Saturation Voltage
VCE, COLLECTOR EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (A)
6
5
4
3
2
1
0
0
0.2
0.6
0.8
1.2
1.6
1.8
2.2
10
1
0.1
0.01
0.001
0.01
0.1
1
Figure 5. Collector−Emitter Saturation Voltage
Figure 6. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
10
0.1
0.01
0.001
0
0.5
1.0
250
VCE = 2 V
150
°C
100
°C
25
°C
−55
°C
300
VCE = 5 V
150
°C
100
°C
25
°C
−55
°C
0.4
1.0
1.4
2.0
IB = 20 mA
2.0 mA
4.0 mA
6.0 mA
8.0 mA
10 mA
12 mA
14 mA
16 mA
18 mA
IC/IB = 50
150
°C
100
°C
25
°C
−55
°C
IC/IB = 100
150
°C
100
°C
25
°C
−55
°C
150
°C
100
°C
25
°C
−55
°C
450
450
1
IC/IB = 20


Similar Part No. - NSS60101DMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60101DMTTBG ONSEMI-NSS60101DMTTBG Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
More results

Similar Description - NSS60101DMT

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com