Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBT2907AL Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMMBT2907AL
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT2907AL Datasheet(HTML) 2 Page - ON Semiconductor

  SMMBT2907AL Datasheet HTML 1Page - ON Semiconductor SMMBT2907AL Datasheet HTML 2Page - ON Semiconductor SMMBT2907AL Datasheet HTML 3Page - ON Semiconductor SMMBT2907AL Datasheet HTML 4Page - ON Semiconductor SMMBT2907AL Datasheet HTML 5Page - ON Semiconductor SMMBT2907AL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT2907AL, SMMBT2907AL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 5)
(IC = −1.0 mAdc, IB = 0)
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−60
−60
Vdc
Collector − Base Breakdown Voltage (IC = −10 mAdc, IE = 0)
V(BR)CBO
−60
Vdc
Emitter − Base Breakdown Voltage (IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current (VCE = −30 Vdc, VEB(off) = −0.5 Vdc)
ICEX
−50
nAdc
Collector Cutoff Current
(VCB = −50 Vdc, IE = 0)
(VCB = −50 Vdc, IE = 0, TA = 125°C)
ICBO
−0.010
−10
mAdc
Base Cutoff Current (VCE = −30 Vdc, VEB(off) = −0.5 Vdc)
IBL
−50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −0.1 mAdc, VCE = −10 Vdc)
(IC = −1.0 mAdc, VCE = −10 Vdc)
(IC = −10 mAdc, VCE = −10 Vdc)
(IC = −150 mAdc, VCE = −10 Vdc)
(IC = −500 mAdc, VCE = −10 Vdc) (Note 5)
hFE
75
100
100
100
50
300
Collector − Emitter Saturation Voltage (Note 5)
(IC = −150 mAdc, IB = −15 mAdc) (Note 5)
(IC = −500 mAdc, IB = −50 mAdc)
VCE(sat)
−0.4
−1.6
Vdc
Base − Emitter Saturation Voltage (Note 5)
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−1.3
−2.6
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (Notes 5, 6),
(IC = −50 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance (VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance (VEB = −2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
30
SWITCHING CHARACTERISTICS
Turn−On Time
(VCC = −30 Vdc, IC = −150 mAdc,
IB1 = −15 mAdc)
ton
45
ns
Delay Time
td
10
Rise Time
tr
40
Turn−Off Time
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
toff
100
Storage Time
ts
80
Fall Time
tf
30
5. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
6. fT is defined as the frequency at which |hfe| extrapolates to unity.
0
0
-16 V
200 ns
50
1.0 k
200
-30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
-6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
-30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
INPUT
Zo = 50 W
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 W
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit


Similar Part No. - SMMBT2907AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT2907AL ONSEMI-SMMBT2907AL Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
SMMBT2907ALT3G ONSEMI-SMMBT2907ALT3G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
More results

Similar Description - SMMBT2907AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com