Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJVMJD41CT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NJVMJD41CT4G
Description  Complementary Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJD41CT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NJVMJD41CT4G Datasheet HTML 1Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 2Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 3Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 4Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 5Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 6Page - ON Semiconductor NJVMJD41CT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJD41C (NPN), MJD42C (PNP)
www.onsemi.com
5
10
70
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.01
100
1
0.3
3
0.1
0.03
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
Figure 12. Maximum Forward Bias
Safe Operating Area
TC = 25°C SINGLE PULSE
TJ = 150°C
dc
0.5
2
5
1ms
MJD41C, 42C
50
30
20
10
7
5
3
2
1
0.05
100
ms
CURVES APPLY BELOW RATED VCEO
5ms
500
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 12 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 11. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MJD41CRLG
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
MJD41CT4G
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
NJVMJD41CT4G*
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
MJD42CG
DPAK
(Pb−Free)
369C
75 Units / Rail
MJD42C1G
IPAK
(Pb−Free)
369D
75 Units / Rail
MJD42CRLG
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
NJVMJD42CRLG*
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
MJD42CT4G
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
NJVMJD42CT4G*
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NJV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable


Similar Part No. - NJVMJD41CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVMJD41CT4G ONSEMI-NJVMJD41CT4G Datasheet
121Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 12
More results

Similar Description - NJVMJD41CT4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com