Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1816T-TL-E Datasheet(PDF) 7 Page - ON Semiconductor

Part # 2SD1816T-TL-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816T-TL-E Datasheet(HTML) 7 Page - ON Semiconductor

  2SD1816T-TL-E Datasheet HTML 1Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 2Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 3Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 4Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 5Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 6Page - ON Semiconductor 2SD1816T-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2SB1216, 2SD1816
www.onsemi.com
7
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States
and/or other countries. SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of
SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf . SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose,
nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can
and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was
negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject toall
applicable copyright laws and is not for resale in any manner.
ORDERING INFORMATION
Device
Marking
Package
Shipping (Qty / Packing)
2SB1216S-E
B1216
IPAK / TP
(Pb-Free)
500/ bag
2SB1216T-E
B1216
2SD1816S-E
D1816
2SD1816T-E
D1816
2SB1216S-H
B1216
IPAK / TP
(Pb-Free / Halogen Free)
2SB1216T-H
B1216
2SD1816S-H
D1816
2SD1816T-H
D1816
2SB1216S-TL-E
B1216
DPAK / TP-FA
(Pb-Free)
700/ Tape & Reel
2SB1216T-TL-E
B1216
2SD1816S-TL-E
D1816
2SD1816T-TL-E
D1816
2SB1216S-TL-H
B1216
DPAK / TP-FA
(Pb-Free / Halogen Free)
2SB1216T-TL-H
B1216
2SD1816S-TL-H
D1816
2SD1816T-TL-H
D1816
† For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D. http://www.onsemi.com/pub_link/Collateral/BRD8011-D.PDF


Similar Part No. - 2SD1816T-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1816T-TL-E SANYO-2SD1816T-TL-E Datasheet
496Kb / 9P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1816T-TL-E ONSEMI-2SD1816T-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SD1816T-TL-E ONSEMI-2SD1816T-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816T-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com