Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1816T-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD1816T-H
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816T-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1816T-H Datasheet HTML 1Page - ON Semiconductor 2SD1816T-H Datasheet HTML 2Page - ON Semiconductor 2SD1816T-H Datasheet HTML 3Page - ON Semiconductor 2SD1816T-H Datasheet HTML 4Page - ON Semiconductor 2SD1816T-H Datasheet HTML 5Page - ON Semiconductor 2SD1816T-H Datasheet HTML 6Page - ON Semiconductor 2SD1816T-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SB1216, 2SD1816
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
at Ta
= 25°C (Note 2)
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(−)100V, IE=0A
(
−)1
μA
Emitter Cutoff Current
IEBO
VEB=(−)4V, IC=0A
(
−)1
μA
DC Current Gain
hFE1
VCE=(−)5V, IC=(−)0.5A
140*
400*
hFE2
VCE=(−)5V,IC=(−)3A
40
Gain-Bandwidth Product
fT
VCE=(−)10V, IC=(−)0.5A
(130) 180
MHz
Output Capacitance
Cob
VCB=(−)10V, f=1MHz
(65) 40
pF
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=(−)2A, IB=(−)0.2A
(
−200)150
(
−500)400
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC=(−)2A, IB=(−)0.2A
(
−) 0.9
(
−) 1.2
V
Collector to Base Breakdown
Voltage
V(BR)CBO
IC=(−)10μA, IE=0A
(
−)120
V
Collector to Emitter Breakdown
Voltage
V(BR)CEO
IC=(−)1mA, RBE=∞
(
−)100
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=(−)10μA, IC=0A
(
−) 6
V
Turn-On Time
ton
See specified Test
Circuit
100
ns
Storage Time
tstg
(800) 900
ns
Fall Time
tf
50
ns
Note 2 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*: The 2SB1216/2SD1816 are classified by 0.5A hFE as follows:
Rank
S
T
hFE
140 to 280
200 to 400
Fig.1 Switching Time Test Circuit


Similar Part No. - 2SD1816T-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816T-H ONSEMI-2SD1816T-H Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SD1816T-H ONSEMI-2SD1816T-H Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816T-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com