Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC908JL3ECP Datasheet(PDF) 46 Page - Motorola, Inc

Part # MC68HC908JL3ECP
Description  Microcontrollers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908JL3ECP Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MC68HC908JL3ECP Datasheet HTML 42Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 43Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 44Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 45Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 46Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 47Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 48Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 49Page - Motorola, Inc MC68HC908JL3ECP Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 226 page
background image
FLASH Memory (FLASH)
Technical Data
MC68H(R)C908JL3E/JK3E/JK1E Rev. 2.0
46
FLASH Memory (FLASH)
MOTOROLA
4.5 FLASH Page Erase Operation
Use the following procedure to erase a page of FLASH memory. A page
consists of 64 consecutive bytes starting from addresses $XX00,
$XX40, $XX80 or $XXC0. The 48-byte user interrupt vectors area also
forms a page. Any page within the 4K bytes user memory area
($EC00–$FBFF) can be erased alone. The 48-byte user interrupt
vectors cannot be erased by the page erase operation because of
security reasons. Mass erase is required to erase this page.
1. Set the ERASE bit and clear the MASS bit in the FLASH Control
Register.
2. Write any data to any FLASH address within the page address
range desired.
3. Wait for a time, tnvs (10µs).
4. Set the HVEN bit.
5. Wait for a time tErase (1ms).
6. Clear the ERASE bit.
7. Wait for a time, tnvh (5µs).
8. Clear the HVEN bit.
9. After time, trcv (1µs), the memory can be accessed in read mode
again.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.


Similar Part No. - MC68HC908JL3ECP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JL3ECP FREESCALE-MC68HC908JL3ECP Datasheet
2Mb / 180P
   Microcontrollers
MC68HC908JL3ECP FREESCALE-MC68HC908JL3ECP Datasheet
1Mb / 180P
   Microcontrollers
More results

Similar Description - MC68HC908JL3ECP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com