Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4857 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4857
Description  Infrared Emitter (850 nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4857 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4857 Datasheet HTML 3Page - OSRAM GmbH SFH4857 Datasheet HTML 4Page - OSRAM GmbH SFH4857 Datasheet HTML 5Page - OSRAM GmbH SFH4857 Datasheet HTML 6Page - OSRAM GmbH SFH4857 Datasheet HTML 7Page - OSRAM GmbH SFH4857 Datasheet HTML 8Page - OSRAM GmbH SFH4857 Datasheet HTML 9Page - OSRAM GmbH SFH4857 Datasheet HTML 10Page - OSRAM GmbH SFH4857 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Version 1.1
SFH 4857
2015-10-08
7
Package Outline
Maßzeichnung
Dimensions in mm. / Maße in mm.
Pad
Description
Pad
Beschreibung
1
Cathode / Kathode
2
Anode / Anode
Package
Metal Can (TO-18), hermetically sealed
Gehäuse
Metall Gehäuse (TO-18), hermetisch dicht


Similar Part No. - SFH4857

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4857E7800 OSRAM-SFH4857E7800 Datasheet
247Kb / 10P
   Infrared Emitter
More results

Similar Description - SFH4857

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
   Infrared Emitter (850 nm)
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
   Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
   Infrared Emitter (850 nm)
SFH4356 OSRAM-SFH4356 Datasheet
435Kb / 11P
   Infrared Emitter (850 nm)
SFH4356P OSRAM-SFH4356P Datasheet
267Kb / 12P
   Infrared Emitter (850 nm)
SFH4851 OSRAM-SFH4851 Datasheet
262Kb / 11P
   Infrared Emitter (850 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
   High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com