Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8274GB4D-IS1 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si8274GB4D-IS1
Description  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8274GB4D-IS1 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si8274GB4D-IS1 Datasheet HTML 1Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 2Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8274GB4D-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Si827x Data Sheet
4 Amp ISOdriver with High Transient (dV/dt) Immunity
The Si827x isolators are ideal for driving power switches used in a wide variety of power
supply, inverter, and motor control applications. The Si827x isolated gate drivers utilize
Silicon Laboratories' proprietary silicon isolation technology, supporting up to 2.5
kVRMS withstand voltage per UL1577 and VDE0884. This technology enables industry
leading common-mode transient immunity (CMTI), tight timing specifications, reduced
variation with temperature and age, better part-to-part matching, and extremely high reli-
ability. It also offers unique features such as separate pull-up/down outputs, driver shut-
down on UVLO fault, and precise dead time programmability. The Si827x series offers
longer service life and dramatically higher reliability compared to opto-coupled gate driv-
ers.
The Si827x drivers utilize Silicon Labs' proprietary silicon isolation technology, which
provides up to 2.5 kVRMS withstand voltage per UL1577 and fast 60 ns propagation
times. Driver outputs can be grounded to the same or separate grounds or connected to
a positive or negative voltage. The TTL level compatible inputs with >400 mV hysteresis
are available in individual control input (Si8271/2/3/5) or PWM input (Si8274) configura-
tions. High integration, low propagation delay, small installed size, flexibility, and cost-
effectiveness make the Si827x family ideal for a wide range of isolated MOSFET/IGBT
and SiC or GaN FET gate drive applications.
Applications:
• Switch-mode Power Supplies
• Solar Power Inverters
• Motor control and drives
• Uninterruptible Power Supplies
• High-Power Class D Amplifiers
Safety Regulatory Approvals (Pending):
• UL 1577 recognized
• Up to 2500 Vrms for 1 minute
• CSA component notice 5A approval
• IEC 60950-1 (reinforced insulation)
• VDE certification conformity
• VDE 0884 Part 10
• CQC certification approval
• GB4943.1
KEY FEATURES
• Single, dual, or high-side/low-side drivers
• Single PWM or dual digital inputs
• High dV/dt immunity:
• 200 kV/µs CMTI
• 400 kV/µs Latch-up
• Separate pull-up/down outputs for slew rate
control
• Wide supply range:
• Input supply: 2.5–5.5 V
• Driver supply: 4.2–30 V
• Very low jitter of 200 ps p-p
• 60 ns propagation delay (max)
• Dedicated enable pin
• Silicon Labs’ high performance isolation
technology:
• Industry leading noise immunity
• High speed, low latency and skew
• Best reliability available
• Compact packages:
• 8-pin SOIC
• 16-pin SOIC
• 5 x 5 mm LGA-14
• Industrial temperature range:
• –40 to 125 °C
• AEC-Q100 Qualified
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.


Similar Part No. - Si8274GB4D-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8274GB4D-IS1 SILABS-SI8274GB4D-IS1 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8274GB4D-IS1 SKYWORKS-SI8274GB4D-IS1 Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Similar Description - Si8274GB4D-IS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com