Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4141 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4141
Description  Infrared Emitter (940 nm) in Mini Sidelooker Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4141 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4141 Datasheet HTML 1Page - OSRAM GmbH SFH4141 Datasheet HTML 2Page - OSRAM GmbH SFH4141 Datasheet HTML 3Page - OSRAM GmbH SFH4141 Datasheet HTML 4Page - OSRAM GmbH SFH4141 Datasheet HTML 5Page - OSRAM GmbH SFH4141 Datasheet HTML 6Page - OSRAM GmbH SFH4141 Datasheet HTML 7Page - OSRAM GmbH SFH4141 Datasheet HTML 8Page - OSRAM GmbH SFH4141 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version 1.1
SFH 4141
2015-09-10
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Peak wavelength
Emissionswellenlänge
(IF = 20 mA, tp = 20 ms)
(typ)
λ
peak
950
nm
Centroid wavelength
Schwerpunktwellenlänge
(I
F = 20 mA, tp = 20 ms)
(typ)
λcentroid
940
nm
Spectral bandwidth at 50% of I
max
Spektrale Bandbreite bei 50% von I
max
(typ)
∆λ
42
nm
Half angle
Halbwinkel
(typ)
ϕ
± 9
°
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
(typ)
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von I
e ( 10% und 90% von Ie max)
(I
F = 20 mA, RL = 50 Ω)
(typ)
tr, tf
12
ns
Forward voltage
Durchlassspannung
(IF = 20 mA, tp = 20 ms)
(typ (max)) V
F
1.3 (≤ 1.6)
V
Forward voltage
Durchlassspannung
(I
F = 1 A, tp = 100 µs)
(typ)
VF
3.6 (≤ 4.6)
V
Reverse current
Sperrstrom
(typ (max)) I
R
not designed for
reverse operation
µA
Total radiant flux
Gesamtstrahlungsfluss
(IF = 20 mA, tp = 20 ms)
(typ)
Φ
e
12
mW
Temperature coefficient of Ie or Φe
Temperaturkoeffizient von I
e bzw. Φe
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(typ)
TC
V
-0.8
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(typ)
TC
λ
0.3
nm / K


Similar Part No. - SFH4141

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - SFH4141

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4141 OSRAM-SFH-4141 Datasheet
225Kb / 9P
   Infrared Emitter (940 nm) in Mini Sidelooker Package
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
   Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
   Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
List of Unclassifed Man...
SFH4110 ETC-SFH4110 Datasheet
78Kb / 5P
   GaAs Infrared Emitter (Mini Sidelooker)
logo
OSRAM GmbH
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com