Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4046 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4046
Description  High Power Infrared Emitter (940 nm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4046 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4046 Datasheet HTML 2Page - OSRAM GmbH SFH4046 Datasheet HTML 3Page - OSRAM GmbH SFH4046 Datasheet HTML 4Page - OSRAM GmbH SFH4046 Datasheet HTML 5Page - OSRAM GmbH SFH4046 Datasheet HTML 6Page - OSRAM GmbH SFH4046 Datasheet HTML 7Page - OSRAM GmbH SFH4046 Datasheet HTML 8Page - OSRAM GmbH SFH4046 Datasheet HTML 9Page - OSRAM GmbH SFH4046 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2016-04-11
6
Version 1.3
SFH 4046
Package Outline
Dimensions in mm.


Similar Part No. - SFH4046

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4043 OSRAM-SFH4043 Datasheet
450Kb / 13P
   CHIPLED with High Power Infrared Emitter (940 nm)
SFH4043 OSRAM-SFH4043 Datasheet
478Kb / 13P
   High Power Infrared Emitter
SFH4043 OSRAM-SFH4043_17 Datasheet
478Kb / 13P
   High Power Infrared Emitter
SFH4045 OSRAM-SFH4045 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - SFH4046

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
   High Power Infrared Emitter (940 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
   High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
   High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
   High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com