Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-7018 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-7018
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7018 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-7018 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7018 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7018 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7018 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C
2
17
16
4
20
18
20
5
3
12
1
15
8
19
9
21
10
11
14
7
6
13
19.7250
1.70±0.10 (x4)
8.94 (x4)
14.725±0.05
5.00
4.00 (x4)
1.27 (x4)
6.0875
1.5875
DETAIL C
SCALE 8 : 1
ITEM
NO.
DESCRIPTION
Material
1
Socket Base
7075-T6 Aluminum Alloy
2
COMPRESSION SCREW, 17MM X M10
7075-T6 Aluminum Alloy
3
Latch 10-17mm clamshell
7075-T6 Aluminum Alloy
4
Clam Shell
7075-T6 Aluminum Alloy
5
Compression Plate
7075-T6 Aluminum Alloy
6
Backing Plate
7075-T6 Aluminum Alloy
7
Insulation Plate
FR4 High temp
8
Floating Guide 12mm 0.65mm 17x17array
Semitron MDS 100
9
Middle Pogo Guide 12mm 0.65mm 17x17
arr
Semitron MDS 100
10
Bottom Guide 12mm 0.65mm 17x17 arr
Semitron MDS 100
11
Target PCB
Custom Plastic
12
Customer's device
FR4
13
SBT Pin, SBT-BGA 0.5mm-0.8mm
14
#0-80 x 0.5, SH Cap Screw
Alloy Steel
15
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
16
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
17
Spring Clamshell lid assembly
Steel Music Wire
18
Precision Compression Spring, Zinc-Plated
Music Wire, 1/2" Length, .12" OD, .016"
Wire
Zinc Plated Music Wire
19
Floating Guide Spring
Alloy Steel (SS)
20 Hinge Pin and Snap Ring, 3mm OD, 25mm
long, SS
Stainless Steel (ferritic)
21
#0-80, 90 deg., head pin guide screw,
Peek material 5.5715mm overall Length
PEEK unfilled
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Description: Socket Assy, detail
STATUS: Released
REV. A
DATE: 04/23/2015
Material: N/A
Finish: N/A
Weight: 77.60
CBT-BGA-7018 Drawing
SCALE: 1.3:1
SHEET: 4 OF 4
ENG: E. Smolentseva
FILE: CBT-BGA-7018 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7010 IRONWOOD-CBT-BGA-7010 Datasheet
315Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7011 IRONWOOD-CBT-BGA-7011 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7015 IRONWOOD-CBT-BGA-7015 Datasheet
385Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7016 IRONWOOD-CBT-BGA-7016 Datasheet
576Kb / 5P
   UTRS3085L-D08-T
CBT-BGA-7017 IRONWOOD-CBT-BGA-7017 Datasheet
805Kb / 8P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com