Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-7017 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-7017
Description  Automated probe manufacturing enables low cost and short lead time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7017 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-7017 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 5Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 6Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 7Page - Ironwood Electronics. CBT-BGA-7017 Datasheet HTML 8Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D
E
A1
A
11
e
b
DIM
Minimum
Maximum
A
1.1
A1
0.25
b
0.33
D
12.0 BSC
E
12.0 BSC
e
0.5 BSC
ARRAY
23 X 23
PIN COUNT
168
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Compatible BGA(2)
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 10/09/2014
Material:
Finish:
Weight: 46.96
CBT-BGA-7017 Drawing
SCALE: 5:1
SHEET: 4 OF 8
ENG: E. Smolentseva
FILE: CBT-BGA-7017 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7017

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7010 IRONWOOD-CBT-BGA-7010 Datasheet
315Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7011 IRONWOOD-CBT-BGA-7011 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7015 IRONWOOD-CBT-BGA-7015 Datasheet
385Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7016 IRONWOOD-CBT-BGA-7016 Datasheet
576Kb / 5P
   UTRS3085L-D08-T
CBT-BGA-7018 IRONWOOD-CBT-BGA-7018 Datasheet
318Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-7017

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com