Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19401C50A-A8T1U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-19401C50A-A8T1U4
Description  Watchdog operation voltage range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19401C50A-A8T1U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-19401C50A-A8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-19401C50A-A8T1U4 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.1_00
S-19400/19401 Series
9
Absolute Maximum Ratings
Table 7
(Ta =
−40°C to +125°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VDD pin voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
WDI pin voltage
VWDI
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
WEN pin voltage
VWEN
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
W
___
/ T pin voltage
Vw___ / T
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CPOR pin voltage
VCPOR
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CWDT pin voltage
VCWDT
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
RST
_______
pin voltage
A / B / C / D / E / F type
VRST
_______
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
G / H / I / J / K / L type
VSS
− 0.3 to VSS + 7.0
V
WDO
________
pin voltage
A / B / C / D / E / F type
VWDO
________
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
G / H / I / J / K / L type
VSS
− 0.3 to VSS + 7.0
V
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 8
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
TMSOP-8
Board 1
160
°C/W
Board 2
133
°C/W
HSNT-8(2030)
Board 1
181
°C/W
Board 2
135
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.


Similar Part No. - S-19401C50A-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19401C50A-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com