Electronic Components Datasheet Search |
|
S-19401D20A-A8T1U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-19401D20A-A8T1U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 36 page FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION Rev.2.1_00 S-19400/19401 Series 9 Absolute Maximum Ratings Table 7 (Ta = −40°C to +125°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit VDD pin voltage VDD VSS − 0.3 to VSS + 7.0 V WDI pin voltage VWDI VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V WEN pin voltage VWEN VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V W ___ / T pin voltage Vw___ / T VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V CPOR pin voltage VCPOR VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V CWDT pin voltage VCWDT VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V RST _______ pin voltage A / B / C / D / E / F type VRST _______ VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V G / H / I / J / K / L type VSS − 0.3 to VSS + 7.0 V WDO ________ pin voltage A / B / C / D / E / F type VWDO ________ VSS − 0.3 to VDD + 0.3 ≤ VSS + 7.0 V G / H / I / J / K / L type VSS − 0.3 to VSS + 7.0 V Operation ambient temperature Topr −40 to +125 °C Storage temperature Tstg −40 to +150 °C Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. Thermal Resistance Value Table 8 Item Symbol Condition Min. Typ. Max. Unit Junction-to-ambient thermal resistance *1 θja TMSOP-8 Board 1 − 160 − °C/W Board 2 − 133 − °C/W HSNT-8(2030) Board 1 − 181 − °C/W Board 2 − 135 − °C/W *1. Test environment: compliance with JEDEC STANDARD JESD51-2A Remark Refer to " Thermal Characteristics" for details of power dissipation and test board. |
Similar Part No. - S-19401D20A-A8T1U4 |
|
Similar Description - S-19401D20A-A8T1U4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |