Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI80XX-1KV Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI80XX-1KV
Description  High-speed operation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI80XX-1KV Datasheet(HTML) 4 Page - Silicon Laboratories

  SI80XX-1KV Datasheet HTML 1Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 2Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 3Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 4Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 5Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 6Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 7Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 8Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Si80xx
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature*
TA
–40
25
125
ºC
Supply Voltage
VDD1
3.15
5.5
V
VDD2
3.15
5.5
V
*Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels,
and supply voltage.
Table 2. Electrical Characteristics
(VDD1 = 3.15 to 5.5 V, VDD2 = 3.15 to 5.5 V, TA = –40 to 125 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage
Threshold
VDDUV+
VDD1, VDD2 rising
2.65
2.80
3.05
V
VDD Undervoltage
Threshold
VDDUV–
VDD1, VDD2 falling
2.2
2.50
2.75
V
VDD Undervoltage
Threshold Hysteresis
VDDHYS
270
mV
Positive-Going Input
Threshold
VT+
All inputs rising
1.4
1.6
1.9
V
Negative-Going
Input Threshold
VT–
All inputs falling
1.0
1.2
1.4
V
Input Hysteresis
VHYS
—0.40
V
High Level Input Voltage
VIH
2.0
V
Low Level input voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2
0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance1
ZO
—50
Enable Input High Current
IENH
VENx =VIH
—2.0
µA
Enable Input Low Current
IENL
VENx =VIL
—16
µA
Supply Current (DC)
VDD1
VDD2
VI =0, 1
CL =15pF
4.4
7.5
7.5
10
mA
mA
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI80XX-1KV

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

Similar Description - SI80XX-1KV

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI864X SILABS-SI864X Datasheet
840Kb / 42P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com