Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19401A20A-K8T2U4 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-19401A20A-K8T2U4
Description  Watchdog operation voltage range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19401A20A-K8T2U4 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-19401A20A-K8T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 12Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 13Page - Seiko Instruments Inc S-19401A20A-K8T2U4 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
S-19400/19401 Series
Rev.2.1_00
10
Electrical Characteristics
Table 9 (1 / 2)
(WEN pin logic active "H" product, VDD = 5.0 V, Ta =
−40°C to +125°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1
−VDET
−VDET(S)
× 0.98
−VDET(S)
−VDET(S)
× 1.02
V
1
Hysteresis width
VHYS
−VDET
× 0.03
−VDET
× 0.05
−VDET
× 0.07
V
1
Current consumption
during operation
ISS1
When watchdog timer operates
3.8
9.0
μA
2
Reset time-out period
tRST
CPOR = 2200 pF
8.7
14.5
20
ms
3
Watchdog time-out period
tWDU
CWDT = 470 pF
15
24.6
34
ms
3
Watchdog double pulse
detection time
tWDL
CWDT = 470 pF
461
769
1077
μs
4
Reset output voltage "H"
VROH
S-19401 Series A / B / C / D /
E / F type only
VDD
− 1.0
V
5
Reset output voltage "L"
VROL
0.4
V
6
Reset output pull-up current
IRUP
VRST
_______
= 0 V,
S-19401 Series A / B / C / D /
E / F type only
−0.85
−0.4
μA
7
Reset output current
IROUT
VDS = 0.4 V,
S-19401 Series
only
VDD = 1.5 V
0.48
1.1
mA
8
VDD = 1.8 V
0.8
1.6
mA
8
VDD = 2.5 V
1.0
2.6
mA
8
VDD = 3.0 V
1.4
3.3
mA
8
Reset output leakage current IRLEAK
VDS = 6.0 V, VDD = 6.0 V,
S-19401 Series only
0.096
μA
9
Watchdog output voltage "H" VWOH
A / B / C / D / E / F type only
VDD
− 1.0
V
10
Watchdog output voltage "L" VWOL
0.4
V
11
Watchdog output
pull-up current
IWUP
VWDO
________
= 0 V,
A / B / C / D / E / F type only
−0.85
−0.4
μA
12
Watchdog output current
IWOUT
VDS = 0.4 V
VDD = 1.5 V
0.48
1.1
mA
13
VDD = 1.8 V
0.8
1.6
mA
13
VDD = 2.5 V
1.0
2.6
mA
13
VDD = 3.0 V
1.4
3.3
mA
13
Watchdog output leakage
current
IWLEAK
VDS = 6.0 V, VDD = 6.0 V
0.096
μA
14
Input pin voltage 1 "H"
VSH1
WEN pin
0.7
× VDD
V
15
Input pin voltage 1 "L"
VSL1
WEN pin
0.3
× VDD
V
15
Input pin voltage 2 "H"
VSH2
W
___
/ T pin, S-19400 Series only 0.7 × VDD
V
15
Input pin voltage 2 "L"
VSL2
W
___
/ T pin, S-19400 Series only
0.3
× VDD
V
15
Input pin voltage 3 "H"
VSH3
WDI pin
0.7
× VDD
V
15
Input pin voltage 3 "L"
VSL3
WDI pin
0.3
× VDD
V
15


Similar Part No. - S-19401A20A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19401A20A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com