Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19311BFQA-V5T2U4 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19311BFQA-V5T2U4
Description  CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19311BFQA-V5T2U4 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19311BFQA-V5T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19311BFQA-V5T2U4 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-19311 Series
Rev.1.0_02
8
2. Detector block
Table 8
(VIN = 13.5 V, Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage*1
−VDET
−VDET(S)
− 0.1
−VDET(S)
−VDET(S)
+ 0.1
V
4
Hysteresis width
VHYS
120
150
mV
4
Reset output voltage "H" VROH
VOUT(S)
× 0.9
V
4
Reset output voltage "L" VROL
VOUT
≥ 1.0 V, Rext ≥ 3 kΩ,
Connect to VOUT pin
0.2
0.4
V
4
Reset pull-up resistance RRO
VOUT pin internal resistance
20
30
45
k
Ω
Reset output current
IRO
VRO = 0.4 V, VOUT =
−VDET(S) − 0.1 V
3.0
mA
5
Lower reset timing
threshold voltage
VDRL
0.2
0.3
0.4
V
6
Upper timing threshold
voltage
VDU
1.5
1.9
2.3
V
6
Charge current
ID,cha
VDLY = 1.0 V
2.0
5.0
8.0
μA
6
Release delay time*2
trd
CDLY = 47 nF
11
18
25
ms
4
Reset reaction time*3
trr
CDLY = 47 nF
50
μs
4
*1.
−VDET: Actual detection voltage, −VDET(S): Set detection voltage
*2.
The time period from when VOUT changes to
−VDET(S) − 0.15 V → VOUT(S) to when VRO reaches VOUT / 2.
*3.
The time period from when VOUT changes to VOUT(S)
→ −VDET(S) − 0.15 V to when VRO reaches VOUT / 2.
3. Overall
Table 9
(VIN = 13.5 V, Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
during operation
ISS1
VIN = 13.5 V, IOUT = 0 mA
60
95
μA
7


Similar Part No. - S-19311BFQA-V5T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19311BFQA-V5T2U4 ABLIC-S-19311BFQA-V5T2U4 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
More results

Similar Description - S-19311BFQA-V5T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
   SERIES REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Seiko Instruments Inc
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com