Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35720D01A-K8T2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-35720D01A-K8T2U
Description  Low current consumption
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35720D01A-K8T2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-35720D01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35720D01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.1_00
S-35720 Series
11
Power-on Detection Circuit
In order for the power-on detection circuit to operate normally, raise the power supply voltage of the IC from 0.2 V or lower
so that it reaches 1.8 V of the operation power supply voltage minimum value within 10 ms, as shown in Figure 12.
Within 10 ms
1.8 V
(Operation power
supply voltage min.)
0 V
*1
0.2 V or lower
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 12 How to Raise the Power Supply Voltage
If the power supply voltage of the S-35720 Series cannot be raised under the above conditions, the power-on detection
circuit may not operate normally and an oscillation may not start
*1. In such case, perform the operations shown in
"1. When power supply voltage is raised at RST
_______
pin = "L" " and "2. When power supply voltage is raised at
RST
_______
pin = "H" ".
*1. When one-shot loop time-out or handshake time-out is selected as the option.
1. When power supply voltage is raised at RST
_______
pin = "L"
Set the RST
_______
pin to "L" until the power supply voltage reaches 1.8 V or higher. While the RST
_______
pin is set to "L", the
oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. If the RST
_______
pin is set to "H"
after the power supply voltage reaches 1.8 V, the oscillation start signal becomes "L" within 500 ms, and the
oscillation status is maintained.
The current consumption increases as mentioned below while the RST
_______
pin is set to "L".
• When the product without a pull-up resistor is selected:
1.7
μA typ.
• When the product with a pull-up resistor is selected:
30
μA typ.
0.2 V or lower
0 V*1
RST pin input
Oscillation start signal
Oscillation circuit output
10 ms
Oscillation start signal "H"
"L"
within 500 ms
1.8 V
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 13 When Power Supply Voltage is Raised at RST
_______
Pin = "L"


Similar Part No. - S-35720D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35720 ABLIC-S-35720 Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35720C01I-K8T2U ABLIC-S-35720C01I-K8T2U Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35720C02I-K8T2U ABLIC-S-35720C02I-K8T2U Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35720D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com