Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV32T-150K-PFD Datasheet(PDF) 1 Page - TDK Electronics

Part # NLCV32T-150K-PFD
Description  Inductors (Coils)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV32T-150K-PFD Datasheet(HTML) 1 Page - TDK Electronics

  NLCV32T-150K-PFD Datasheet HTML 1Page - TDK Electronics NLCV32T-150K-PFD Datasheet HTML 2Page - TDK Electronics NLCV32T-150K-PFD Datasheet HTML 3Page - TDK Electronics NLCV32T-150K-PFD Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inductors (Coils)
1 of 4
Creation Date : January 19, 2017 (GMT)
NLCV32T-150K-PFD
Applications
Automotive Grade
Feature
AEC-Q200
AEC-Q200
Wire Wound
Wire Wound
No Directivity
No Directivity
Ferrite Core
Ferrite Core
Series
NLCV-PFD
Status
Production
Brand
TDK
Size
Length(L)
3.20mm ±0.20mm
Width(W)
2.50mm ±0.20mm
Thickness(T)
2.20mm ±0.20mm
Recommended Land Pattern (A)
1.20mm Nom.
Recommended Land Pattern (B)
2.00mm Nom.
Recommended Land Pattern (C)
2.00mm Nom.
Electrical Characteristics
Inductance
15μH ±10% at 2.52MHz
Rated Current
370mA
DC Resistance [Typ.]
560mΩ
DC Resistance [Max.]
728mΩ
Self Resonant Frequency [Min.]
26MHz
Self Resonant Frequency [Typ.]
Q [Min.]
Q [Typ.]
15
Other
Operating Temp. Range (Including Self-Temp. Rise)
-40 to 105°C
Soldering Method
Flow
Reflow
Iron Soldering
AEC-Q200
Yes
Packing
Blister (Plastic)Taping [180mm Reel]
Package Quantity
2000pcs
Weight
0.05g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - NLCV32T-150K-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-150K-PF TDK-NLCV32T-150K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLCV32T-150K-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF12577NIT-6R8N-D TDK-CLF12577NIT-6R8N-D Datasheet
322Kb / 3P
   Inductors (Coils)
CLF12577NIT-100M-D TDK-CLF12577NIT-100M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-101M-D TDK-CLF12577NIT-101M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-150M-D TDK-CLF12577NIT-150M-D Datasheet
322Kb / 3P
   Inductors (Coils)
MLJ1005WR16JT000 TDK-MLJ1005WR16JT000 Datasheet
69Kb / 3P
   Inductors (Coils)
NLCV32T-3R3M-PFD TDK-NLCV32T-3R3M-PFD Datasheet
193Kb / 4P
   Inductors (Coils)
NLV25T-2R2J-EF TDK-NLV25T-2R2J-EF Datasheet
181Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N2BT000 TDK-MHQ0402PSA1N2BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N3CT000 TDK-MHQ0402PSA1N3CT000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N5BT000 TDK-MHQ0402PSA1N5BT000_17 Datasheet
187Kb / 3P
   Inductors (Coils)
MHQ0402PSA3N3BT000 TDK-MHQ0402PSA3N3BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com