Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35710B01A-K8T2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
7
Absolute Maximum Ratings
Table 4
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 6.5
V
Input voltage
VIN
SDA, SCL, RST
_______
*1
VSS
− 0.3 to VSS + 6.5
V
RST
_______
*2
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Output voltage
VOUT
SDA, INT
*3
VSS
− 0.3 to VSS + 6.5
V
INT
*4
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Operation ambient temperature
*5
Topr
−40 to +125
°C
Storage temperature
Tstg
−55 to +150
°C
*1. When the product without a pull-up resistor is selected.
*2. When the product with a pull-up resistor is selected.
*3. When Nch open-drain output is selected.
*4. When CMOS output is selected.
*5. Conditions with no condensation or frost. Condensation or frost causes short-circuiting between pins, resulting in a
malfunction.
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Conditions
Table 5
(VSS = 0 V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operation power supply voltage
VDD
Ta =
−40°C to +125°C
1.8
5.5
V
Oscillation Characteristics
Table 6
(Ta =
+25°C, VDD = 3.0 V, VSS = 0 V unless otherwise specified)
(Crystal oscillator (NX3215SA, CL = 6.0 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Oscillation start voltage
VSTA
Within 10 seconds
1.8
5.5
V
Oscillation start time
tSTA
1
s
IC-to-IC frequency deviation
*1
δIC
−20
+20
ppm
*1. Reference value


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com